PART |
Description |
Maker |
EFM301L EFM302L EFM303L EFM304L EFM305L EFM306L EF |
3 A, 150 V, SILICON, RECTIFIER DIODE 3 A, 600 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Ampere 3 A, 200 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
OP249ARC/883 OP249GS-REEL OP249GP |
THERMISTOR NTC 5K OHM 5% RAD DUAL OP-AMP, 3600 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, PDSO8 Dual, Precision JFET High Speed Operational Amplifier DUAL OP-AMP, 3600 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, PDIP8
|
Analog Devices, Inc.
|
P6KE20A P6KE P6KE200 P6KE18 P6KE100A P6KE82 P6KE33 |
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE) 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Power Amplifier Driver 32-VQFN -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Wireless 27MHz Dual receiver 28-TSSOP -40 to 85 TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W
|
RECTRON[Rectron Semiconductor] Shanghai Sunrise Electronics
|
P6SMB6.8AT3 P6SMB130AT3 |
600 Watt Peak Power Zener Transient Voltage Suppressors(峰值功00W,齐纳TVS) 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
ON Semiconductor
|
P6KE180CA P6KE20CA P6KE16CA P6KE24CA P6KE8V2CA P6K |
600W TRANSIENT VOLTAGE SUPPRESSOR 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-SSOP -40 to 85 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 600W TRANSIENT VOLTAGE SUPPRESSOR 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 18-Bit D-Type Flip-Flops with 3-State Outputs 56-SSOP -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Fairchild Semiconductor DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc. Vishay Intertechnology, Inc.
|
SMBG33A SMBG33 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ9.0A |
SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA MS3470L14-4S MS3470L14-4P CMOS Strobed Hex Inverter/Buffer with 3-State Outputs 16-TSSOP -55 to 125 SURFACE MOUNT 600 Watt Transient Voltage Suppressor
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
SMBJ16 SMBG15CA |
600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA
|
GENERAL SEMICONDUCTOR INC
|
CC2406020N CN2406020N CC24020N CC2403020N CN24020N |
Super Fast Recovery Dual Diode Modules 20 Amperes/300-600 Volts 20 A, 600 V, SILICON, RECTIFIER DIODE
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
2SC3295 |
High hFE: hFE = 600 3600. High voltage: VCEO = 50 V. High voltage: VCEO = 50 V.
|
TY Semiconductor Co., L...
|
MXSMBJP6KE8.2CATR MXSMBJP6KE9.1C MSPSMBGP6KE6.8TR |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA PLASTIC, SMBJ, 2 PIN 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PLASTIC, SMBG, 2 PIN 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA PLASTIC, SMBJ, 2 PIN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA
|
Microsemi, Corp. MICROSEMI CORP
|
|